| データシートサーチシステム |
|
AS3953 データシート(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3953 データシート(HTML) 30 Page - ams AG |
|
30 / 42 page ![]() www.ams.com Revision 1.0 30 - 42 AS3953 Datasheet - A pp l ic a t io n I n f or m a t i on 8.3 Registers The 6-bit register addresses below are defined in the hexadecimal notation. The possible address range is from 00h to 3Fh. There are two types of registers implemented in the AS3953: configuration registers and display registers. The configuration registers are used to configure the AS3953. They can be written and read through the SPI (RW). The display registers are read only (RO); they contain information about the AS3953 internal state, which can be accessed through the SPI. 8.3.1 Overview of Registers 8.3.2 IO Definition Register IO Configuration Register. Note: This register is directly supplied by VP_SPI. Its initial state is unknown. Table 11. List of the SPI Interface Internal Registers Address [hex] Content Type 00 IO Configuration Register RW 01 Mode Definition Register RW 02 Bit Rate Definition Register RW 04 RFID Status Display Register RO 05 RATS Register RO 08 Mask Main Interrupt Register RW 09 Mask Auxiliary Interrupt Register RW 0A Main Interrupt Register RO 0B Auxiliary Interrupt Register RO 0C FIFO Status Register 1 RO 0D FIFO Status Register 2 RO 10 Number of Transmitted Bytes Register 1 RW 11 Number of Transmitted Bytes Register 2 RW Address# 00h : IO Configuration Type: RW Bit Name Default Function Comments 7 miso_pd2 x 1: Pull-down on MISO, when \SS is low and MISO is not driven by the AS3953 6 miso_pd1 x 1: Pull-down on MISO when \SS is high 5 RFU 4 RFU 3 RFU 2 RFU 1 RFU 0 RFU |