| データシートサーチシステム |
|
AS3953 データシート(PDF) 34 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3953 データシート(HTML) 34 Page - ams AG |
|
34 / 42 page ![]() www.ams.com Revision 1.0 34 - 42 AS3953 Datasheet - A pp l ic a t io n I n f or m a t i on Main Interrupt Register. Notes: 1. At power-up and after Set Default command, content of this register is set to ‘0’. 2. After Main Interrupt Register is read, with the exception of bit0, the register content is set to ‘0’. The bit0 is set to ‘0’ only after the corresponding interrupt register is read. Auxiliary Interrupt Register. Notes: 1. At power-up and after Set Default command content of this register is set to 0. 2. After Auxiliary Interrupt Register has been read its content is set to 0. Address# 0Ah : Main Interrupt Type: R Bit Name Function Comments 7 I_pu Power-up IRQ 6 I_wu_l4 Wake-up IRQ at entry in ACTIVE(*) state 5 I_wu Wake-up IRQ triggered by sending Wake-up command 4 I_rxs IRQ due to start of receive Applicable when receive frame is put in FIFO 3 I_rxe IRQ due to end of receive Applicable when receive frame is put in FIFO 2 I_txe IRQ due to end of transmission Applicable when data from FIFO is sent 1 I_wl IRQ due to FIFO water level During receive informing that FIFO is almost full and has to be read out. During transmit informing that FIFO is almost empty and that additional data has to be send 0 I_aux IRQ due to event displayed in the Auxiliary Interrupt Register Address# 0Bh : Auxiliary Interrupt Type: R Bit Name Function Comments 7 I_des IRQ due to reception of DESELECT command 6 I_er_fr Framing error 5 I_er_par Parity error In case of parity or/and CRC error the receive data is still put in FIFO, error IRQ is additionally send. 4 I_er_crc CRC error 3 I_er_fifo FIFO error (overflow/underflow) See FIFO Status Register 2 2 I_eew IRQ due to successful termination of EEPROM programming In case EEPROM write command was sent through SPI 1 I_er_eew Error during EEPROM programming (writing to write protected word, writing to nonexistent address) In case EEPROM write command was sent through SPI 0 I_ee_spi IRQ due to interruption of EEPROM access due to PICC interface activation |