データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74ACT157ME4 データシート(PDF) 8 Page - Texas Instruments

部品番号 CD74ACT157ME4
部品情報  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT157ME4 データシート(HTML) 8 Page - Texas Instruments

Back Button CD74ACT157ME4 Datasheet HTML 4Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 5Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 6Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 7Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 8Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 9Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 10Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 11Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74ACT157M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74ACT157PWR
TSSOP
PW
16
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23