データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5055 データシート(PDF) 25 Page - ams AG

部品番号 AS5055
部品情報  Low Power 12-Bit Magnetic Rotary Encoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5055 データシート(HTML) 25 Page - ams AG

Back Button AS5055 Datasheet HTML 18Page - ams AG AS5055 Datasheet HTML 19Page - ams AG AS5055 Datasheet HTML 20Page - ams AG AS5055 Datasheet HTML 21Page - ams AG AS5055 Datasheet HTML 22Page - ams AG AS5055 Datasheet HTML 23Page - ams AG AS5055 Datasheet HTML 24Page - ams AG AS5055 Datasheet HTML 25Page - ams AG AS5055 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
www.ams.com/AS5055
Revision 1.16
25 - 26
AS5055
Datasheet - Orderin g Info r m ation
10 Ordering Information
The devices are available as the standard products shown in Table 17.
Note: All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 17. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS5055 EQFT
12-bit low power magnetic rotary encoder
Tape & Reel
16-pin QFN (4x4x0.85 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26