| データシートサーチシステム |
|
AS5048B-HTSP データシート(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5048B-HTSP データシート(HTML) 15 Page - ams AG |
|
15 / 30 page ![]() Revision 1.3 www.a ustriamicrosystems.com Page 14 of 2 9 AS5048A/AS5048B Magnetic Rotary Encoder 14-bit Angular Position Sensor Datasheet 4.2.5 Read Package (Value Read from AS5048A) The read frame always contains two alarm bits, the parity and error flags and the addressed data of the previous read command. Read Package Bit MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 LSB PAR EF Data<13:0> Bit Definition & Description PAR Parity bit (EVEN) EF Error flag indicating a transmission error in a previous host transmission Data 14 bit addressed data Ta ble 9 SPI read pack age 4.2.6 Write Data Package (Value Written to AS5048A) The write frame is compatible to the read frame and contains two additional bits, parity flag and R flag. If the previous command was a write command a second package has to be transmitted. Data Package Bit MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 LSB PAR R Data <13:0> Bit Definition & Description PAR Parity bit (EVEN) R Has to be 0 Data 14 bit data to write to former selected address Table 10 SPI write data package |