データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5048B-HTSP データシート(PDF) 17 Page - ams AG

部品番号 AS5048B-HTSP
部品情報  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5048B-HTSP データシート(HTML) 17 Page - ams AG

Back Button AS5048B-HTSP Datasheet HTML 13Page - ams AG AS5048B-HTSP Datasheet HTML 14Page - ams AG AS5048B-HTSP Datasheet HTML 15Page - ams AG AS5048B-HTSP Datasheet HTML 16Page - ams AG AS5048B-HTSP Datasheet HTML 17Page - ams AG AS5048B-HTSP Datasheet HTML 18Page - ams AG AS5048B-HTSP Datasheet HTML 19Page - ams AG AS5048B-HTSP Datasheet HTML 20Page - ams AG AS5048B-HTSP Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 16 of 2 9
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.2.8
SPI Interface Commands
READ Command
For a single READ command two transmission sequences are necessary. The first package written to the AS5048 contains the
READ command (MSB-1 high) and the address the chip has to access, the second package transmitted to the AS5048 device
can be any command the chip has to process next. The content of the desired register is available in the MISO register of the
master device at the end of the second transmission cycle.
Figure 9 READ Command
WRITE Command
A single WRITE command takes two transmission cycles. With a NOP command after the WRITE command you can verify the
sent data with three transmission cycles because the data will be send back during the following command.
Figure 10 WRITE Comma nd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30