データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5261 データシート(PDF) 32 Page - ams AG

部品番号 AS5261
部品情報  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5261 データシート(HTML) 32 Page - ams AG

Back Button AS5261 Datasheet HTML 25Page - ams AG AS5261 Datasheet HTML 26Page - ams AG AS5261 Datasheet HTML 27Page - ams AG AS5261 Datasheet HTML 28Page - ams AG AS5261 Datasheet HTML 29Page - ams AG AS5261 Datasheet HTML 30Page - ams AG AS5261 Datasheet HTML 31Page - ams AG AS5261 Datasheet HTML 32Page - ams AG AS5261 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AS5261
Datasheet - Orderin g Info r m ation
www.ams.com
Revision 1.1
31 - 32
11 Ordering Information
The device is available as the standard products shown in Table 16.
Note: All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 16. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS5261-HMFP
12-bit programmable redundant angle position sensor with PWM
outputs
Tape and Reel
MLF 16 6x6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33