データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL2571 データシート(PDF) 8 Page - ams AG

部品番号 TSL2571
部品情報  LIGHT-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TSL2571 データシート(HTML) 8 Page - ams AG

Back Button TSL2571 Datasheet HTML 4Page - ams AG TSL2571 Datasheet HTML 5Page - ams AG TSL2571 Datasheet HTML 6Page - ams AG TSL2571 Datasheet HTML 7Page - ams AG TSL2571 Datasheet HTML 8Page - ams AG TSL2571 Datasheet HTML 9Page - ams AG TSL2571 Datasheet HTML 10Page - ams AG TSL2571 Datasheet HTML 11Page - ams AG TSL2571 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
PRINCIPLES OF OPERATION
System State Machine
The device provides control of ALS and power management functionality through an internal state machine
(Figure 5). After a power-on-reset, the device is in the sleep mode. As soon as the PON bit is set, the device
will move to the start state. It will then continue through the Wait and ALS states. If these states are enabled,
the device will execute each function. If the PON bit is set to 0, the state machine will continue until all
conversions are completed and then go into a low power sleep mode.
Sleep
Start
Wait
ALS
PON = 1 (r 0:b0)
PON = 0 (r 0:b0)
Figure 5. Simplified State Diagram
NOTE: In this document, the nomenclature uses the bit field name in italic followed by the register number and
bit number to allow the user to easily identify the register and bit that controls the function. For example, the
power on (PON) is in register 0, bit 0. This is represented as PON (r0:b0).
Photodiodes
Conventional silicon detectors respond strongly to infrared light, which the human eye does not see. This can
lead to significant error when the infrared content of the ambient light is high (such as with incandescent lighting)
due to the difference between the silicon detector response and the brightness perceived by the human eye.
This problem is overcome through the use of two photodiodes. The channel 0 photodiode, referred to as the
CH0 channel, is sensitive to both visible and infrared light, while the channel 1 photodiode, referred to as CH1,
is sensitive primarily to infrared light. Two integrating ADCs convert the photodiode currents to digital outputs.
The ADC digital outputs from the two channels are used in a formula to obtain a value that approximates the
human eye response in units of lux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com