データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT27LV256A データシート(PDF) 5 Page - ATMEL Corporation

部品番号 AT27LV256A
部品情報  256K 32K x 8 Low Voltage OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV256A データシート(HTML) 5 Page - ATMEL Corporation

  AT27LV256A Datasheet HTML 1Page - ATMEL Corporation AT27LV256A Datasheet HTML 2Page - ATMEL Corporation AT27LV256A Datasheet HTML 3Page - ATMEL Corporation AT27LV256A Datasheet HTML 4Page - ATMEL Corporation AT27LV256A Datasheet HTML 5Page - ATMEL Corporation AT27LV256A Datasheet HTML 6Page - ATMEL Corporation AT27LV256A Datasheet HTML 7Page - ATMEL Corporation AT27LV256A Datasheet HTML 8Page - ATMEL Corporation AT27LV256A Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC Characteristics for Read Operation (VCC = 3.0V to 3.6V and 4.5V to 5.5V)
AT27LV256A
-70
-90
-12
-15
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC (3)
Address to Output Delay
CE = OE = VIL
70
90
120
150
ns
tCE (2)
CE to Output Delay
OE = VIL
70
90
120
150
ns
tOE (2, 3)
OE to Output Delay
CE = VIL
50
50
50
60
ns
tDF (4, 5)
OE or CE High to Output Float,
whichever occurred first
40
40
40
50
ns
tOH
Output Hold from Address, CE or
OE, whichever occurred first
0
0
0
0
ns
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
AC Waveforms for Read Operation
(1)
Notes: 1. Timing measurement references are 0.8V and 2.0V.
Input AC drive levels are 0.45V and 2.4V, unless
otherwise specified.
2. OE may be delayed up to tCE - tOE after the falling edge
of CE without impact on tCE .
3. OE may be delayed up to tACC - tOE after the
address is valid without impact on tACC .
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no longer
driven.
AT27LV256A
3-79



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com