データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L151x8 データシート(PDF) 34 Page - STMicroelectronics

部品番号 STM8L151x8
部品情報  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x8 データシート(HTML) 34 Page - STMicroelectronics

Back Button STM8L151x8 Datasheet HTML 30Page - STMicroelectronics STM8L151x8 Datasheet HTML 31Page - STMicroelectronics STM8L151x8 Datasheet HTML 32Page - STMicroelectronics STM8L151x8 Datasheet HTML 33Page - STMicroelectronics STM8L151x8 Datasheet HTML 34Page - STMicroelectronics STM8L151x8 Datasheet HTML 35Page - STMicroelectronics STM8L151x8 Datasheet HTML 36Page - STMicroelectronics STM8L151x8 Datasheet HTML 37Page - STMicroelectronics STM8L151x8 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 134 page
background image
Pin description
STM8L15xx8, STM8L15xR6
34/134
DocID17943 Rev 6
23 19 14
PE0/LCD_SEG1(3)/
TIM5_CH2
I/O FT(5) X
XX HS X
X Port E0
LCD segment 1/
Timer 5 channel 2
24 20 15
PE1/TIM1_CH2N
/LCD_SEG2(3)
I/O FT(5) X
XX HS X
X Port E1
Timer 1 - inverted channel 2
/ LCD segment 2
25 21 16
PE2/TIM1_CH3N
/LCD_SEG3(3)/ [CCO](2)
I/O FT(5) X
XX HS X
X Port E2
Timer 1 - inverted channel 3
/ LCD segment 3 /
[Configurable clock output]
26
-
- PE3/LCD_SEG4(3)
I/O FT(5) X
XX HS X
X Port E3 LCD segment 4
-22 17
PE3/LCD_SEG4(3)/
USART2_RX
I/O FT(5) X
XX HS X
X Port E3
LCD segment 4/
USART2 receive
27
-
-
PE4/LCD_SEG5(3)/
DAC_TRIG1
I/O FT(5) X
XX HS X
X Port E4
LCD segment 5/
DAC 1 trigger
-23 18
PE4/LCD_SEG5(3)/
DAC_TRIG2/USART2_TX
I/O FT(5) X
XX HS X
X Port E4
LCD segment 5/
DAC 2 trigger/
USART2 transmit
28
-
-
PE5/LCD_SEG6(3)/
ADC1_IN23/[COMP1_INP]/
[COMP2_INP]
I/O FT(5) X
XX HS X
X Port E5
LCD segment 6 /
ADC1_IN23/ [Comparator 1
positive input] /[Comparator
2 positive input]
-24 19
PE5/LCD_SEG6(3)/
ADC1_IN23/[COMP1_INP]/
[COMP2_INP] /
USART2_CK
I/O FT(5) X
XX HS X
X Port E5
LCD segment 6 /
ADC1_IN23/ [Comparator 1
positive input] / [Comparator
2 positive input] /USART2
synchronous clock
--
47
PE6/LCD_SEG26(3)/
PVD_IN/TIM5_BKIN/
USART3_TX/
[LCD_COM6](3)
I/O FT(5) X
XX HS X
X Port E6
LCD segment 26 /PVD_IN
/TIM5 break input / USART3
transmit/[LCD_COM6](3)
75 63
-
PE6/LCD_SEG26(3)/
PVD_IN/TIM5_BKIN
I/O FT(5) X
XX HS X
X Port E6 LCD segment 26 /PVD_IN
/TIM5 break input
76 64
-
PE7/LED_SEG27/
TIM5_ETR
I/O FT(5) X
XX HS X
X Port E7
LCD segment 27/
TIM5 trigger
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More