| データシートサーチシステム |
|
641237 データシート(PDF) 16 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
641237 データシート(HTML) 16 Page - Tyco Electronics |
|
16 / 84 page ![]() 16 Covers Material (RoHS Compliant) Strain Relief Cover — UL94V-2 rated, nylon, white Dust Covers — UL94V-0 rated, polyester, white Closed End Strain Relief Covers Feed-Thru Strain Relief Covers Closed End Dust Covers Feed-Thru Dust Covers .340 [8.64] .345 [8.76] .127 [3.23] Note: This portion of the front locking bar may or may not be present. A A .130 [3.3] .105 [2.67] .360 [9.14] Retention Dimple .335 [8.51] .360 [9.14] Note: This portion of the front locking bar may or may not be present. A .127 [3.23] A .130 [3.3] .245 [6.22] .395 [10.03] Retention Dimple Cover Ordering Information The “Base Part Numbers” Chart at right shows the base part number and number of circuits available for the described cover. Prefixes and suffixes are determined by the number of circuit positions in the cover. For example, the complete part number for a 10-position closed end strain relief cover would be: Base number 643075 plus prefix-and-suffix 1- — -0 The correct ordering num- ber is 1-643075-0 Base Part Numbers Closed End Feed-Thru Strain Relief Dust Strain Relief Dust Covers Covers Covers Covers Cover No. of Cover No. of Cover No. of Cover No. of Part Nos. Circuits Part Nos. Circuits Part Nos. Circuits Part Nos. Circuits 643075 2–28 640550 2–28 643077 2–28 640642 3-28 Cover Length No. of Dim. Prefix/ Circuits A Suffix 2 .200 -2 5.08 3 .300 -3 7.62 4 .400 -4 10.16 5 .500 -5 12.7 6 .600 -6 15.24 7 .700 -7 17.78 8 .800 -8 20.32 9 .900 -9 22.86 10 1.00 1- -0 25.4 11 1.100 1- -1 27.94 12 1.200 1- -2 30.48 13 1.300 1- -3 33.02 14 1.400 1- -4 35.56 15 1.500 1- -5 38.1 16 1.600 1- -6 40.64 17 1.700 1- -7 43.18 18 1.800 1- -8 45.72 19 1.900 1- -9 48.26 20 2.000 2- -0 50.8 21 2.100 2- -1 53.34 22 2.200 2- -2 55.88 No. of Dim. Prefix/ Circuits A Suffix No. of Dim. Prefix/ Circuits A Suffix No. of Dim. Prefix/ Circuits A Suffix 23 2.300 2- -3 58.42 24 2.400 2- -4 60.96 25 2.500 2- -5 63.5 26 2.600 2- -6 66.04 27 2.700 2- -7 68.58 28 2.800 2- -8 71.12 MTA-100 IDC Connector Accessories MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |