| データシートサーチシステム |
|
641237 データシート(PDF) 41 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
641237 データシート(HTML) 41 Page - Tyco Electronics |
|
41 / 84 page ![]() 41 Crimp Snap-in Contacts Material and Finish Contacts — Phosphor bronze, tin plated .110 [2.79] .105 [2.67] .580 [14.73] .165 [4.19] Max. Wire Size Part Nos. AWG mm2 Loose Piece* Strip** 26–22 .12–0.3 640557-3 640556-3 22–18 0.3–0.9 640559-3 640558-3 **Hand Tool No. 59837-1 (408-6528) **AMP-O-LECTRIC Model “G” Termination Machine (Request Catalog 65828) Note: Requires applicator. For part number, call Technical Support. Special applications for crimp snap-in contacts are: 1. Double wire per contact 2. Coax or shielded wire 3. Mixed wire size in same connector Note: Only one crimp snap-in contact per connector. Wire Size Part Numbers AWG mm2 Tin Plated .000030 [0.00076] .000015 [0.00038] Gold Plated Gold Plated 18 0.8–0.9 640631-3 641143-4 641143-3 20 0.5–0.6 640632–3 641144-4 641144-3 22 0.3–0.4 640633-3 641145-4 641145-3 24 0.2 640634-3 641146-4 641146-3 26 0.12–0.15 640635-3 641147-4 641147-3 Replacement IDC Contacts Material and Finish Contacts — Phosphor bronze, post tin plated; .000030 [0.00076] or .000015 [0.00038] post gold plated over nickel Note: Tyco Electronics does not rec- ommend terminating an MTA contact more than one time. Use replacement contacts when required for field repairs or wire changes. .637 [16.18] .125 [3.18] MTA-156 Connector Accessories (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |