| データシートサーチシステム |
|
R5F64111DFB データシート(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64111DFB データシート(HTML) 11 Page - Renesas Technology Corp |
|
11 / 102 page ![]() R01DS0062EJ0130 Rev.1.30 Page 11 of 93 Mar 3, 2014 R32C/111 Group 1. Overview Figure 1.5 Pin Assignment for the 100-pin LGA Package (top view) P1_3 PTLG0100KA-A (100F0M) (Top view) R32C/111 GROUP (Note 2) VCC1 VCC2 P1_2 P0_7 P0_3 P10_6 P10_4 P10_1 VREF P9_5 P9_4 P1_4 P1_5 / INT3 P0_6 P0_4 P0_2 P10_5 P10_2 AVCC P9_6 VDC0 P2_0 P1_7 / INT5 P1_1 P1_0 P0_1 P10_3 AVSS P9_7 VDC1 NSD P2_2 P2_1 P2_3 P2_4 P0_5 P10_7 P10_0 P9_1 CNVSS P8_7 / XCIN P2_6 P2_7 VSS P2_5 P1_6 / INT4 P0_0 P9_3 P8_6 / XCOUT RESET XOUT P3_0 VCC2 P3_1 P3_4 P3_5 P8_4 / INT2 P8_1 VSS XIN VCC1 P3_2 P3_3 P4_4 P4_7 P5_7 P6_5 P7_6 P8_3 / INT1 P8_5 / NMI P8_2 / INT0 P3_6 P3_7 P4_5 P5_3 P5_6 P6_2 P6_7 P7_5 P7_7 P8_0 P7_0 (Note 1) P4_1 P4_0 P4_6 P5_2 P5_5 P6_1 P6_4 P7_3 P7_4 P4_2 P4_3 P5_0 P5_1 P5_4 P6_0 P6_3 P6_6 P7_1 (Note 1) P7_2 K J H G F E D C B A 10 987 65 43 21 VCC1 VCC2 K J H G F E D C B A 10 987 65 43 21 Notes: 1. Pins P7_0 and P7_1 are open drain outputs. 2. The pin position A1 varies by product. Refer to the index mark in attached “Package Dimensions”. |