| データシートサーチシステム |
|
78T08AAL-TQ2-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78T08AAL-TQ2-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 10 page ![]() 78TXXAA LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 10 www.unisonic.com.tw QW-R101-044.A APPLICATION CIRCUIT UTC 78TXXAA 3 2 1 CO=0.1 μF CI=0.33 μF VIN VOUT Note 1: To specify an output voltage, substitute voltage value for "XX". 2: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators. |