| データシートサーチシステム |
|
RL1C データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL1C データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 39 of 53 Mar. 28, 2014 EEL_Open [Function] EEPROM emulation preparation processing This function makes the EEPROM emulation executable. [Format] <C language> void __far EEL_Open(void) <Assembler> CALL !EEL_Open or CALL !!EEL_Open Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not. [Pre-conditions] 1. The FDL_Init, FDL_Open, and EEL_Init functions must have finished normally. 2. If EEPROM emulation was executed, the processing up to EEL_Close and FDL_Close function must be executed to stop the EEPROM Emulation processing. [Post-conditions] None [Cautions] After the EEL_Open function is executed and the EEPROM emulation has been transitioned to the opened state, the FSL cannot be executed. In addition, STOP mode and HALT mode cannot be executed. To execute the FSL, STOP mode, or HALT mode, execute the EEL_Close and FDL_Close functions to transition the EEPROM emulation to the uninitialized state. [Register status after calling this function] No registers are corrupted. [Arguments] None [Return values] None |