| データシートサーチシステム |
|
RL1C データシート(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL1C データシート(HTML) 31 Page - Renesas Technology Corp |
|
31 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 31 of 53 Mar. 28, 2014 Chapter 5 User Interface 5. 1 Request Structure (eel_request_t) Settings Basic operations such as reading from and writing to the data flash are performed by a single function. The function transfers commands and data ID to the EEL via the request structure (eel_request_t). Furthermore, the EEL state and error information are acquired via the request structure (eel_request_t). In subsequent sections, write access to the request structure (eel_request_t) from the user is called user write access, and read access to it from the user is called user read access. Figure 5-1 Request Structure (eel_request_t) The request structure (eel_request_t) is defined in the eel_types.h file. It should not be changed by the user. [Definition of the request structure (eel_request_t)] typedef struct { __near eel_u08* address_pu08; eel_u08 identifier_u08; eel_command_t command_enu; eel_status_t status_enu; } eel_request_t; EEL User Program address_pu08 identifier_u08 command_enu status_enu User read access User write access |