| データシートサーチシステム |
|
RG13 データシート(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG13 データシート(HTML) 36 Page - Renesas Technology Corp |
|
36 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 36 of 53 Mar. 28, 2014 FDL_Open [Function] FDL preparation processing Set the Data Flash Control Register (DFLCTL) to the state where accessing the data flash memory is permitted (DFLEN = 1). [Format] <C language> void __far FDL_Open(void) <Assembler> CALL !FDL_Open or CALL !!FDL_Open Remark Call this function by using ! if placing the FDL at 00000H to 0FFFFH or by using !! if not. [Pre-conditions] The FDL_Init function must have finisehed normally. [Post-conditions] Execute the EEL_Init function. [Cautions] None [Register status after calling this function] No registers are corrupted. [Arguments] None [Return values] None |