| データシートサーチシステム |
|
RG13 データシート(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG13 データシート(HTML) 16 Page - Renesas Technology Corp |
|
16 / 56 page ![]() RL78 Family Chapter 2 EEPROM Emulation EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 16 of 53 Mar. 28, 2014 2. 3. 6 EEL Block Overview Figure 2-7 shows an example of an EEL block that contains multiple units of stored data: •Data ID 0x01 with size = 0x04, •Data ID 0x02 with size = 0x01 •Data ID 0x03 is defined but not written here, •Data ID 0x04 with size = 0x02 The data have been written in the sequence ID 0x01 -> ID 0x04 -> ID 0x02. In this example, the data with ID 0x03 has not been written yet. Figure 2-7 Example of an Active EEL Block SoR à ID = 0x04 SoR à ID = 0x01 SoR à ID = 0x02 A = 0x02 erased area (all bytes 0xFF) DATA(ID=0x01)[0] DATA(ID=0x04)[1] DATA(ID=0x02)[0] reference area data area separator (erased 2 bytes) B = 0xFD I = 0xFF X = 0xFF reserved reserved reserved reserved 0x0000 0x0001 0x0002 0x0003 0x0004 0x0005 0x0006 0x0007 EoR à ~ID = 0xFE EoR à ~ID = 0xFB EoR à ~ID = 0xFD 0x0008 0x0009 0x000A 0x000B 0x000C 0x000D 0x000E 0x000F DATA(ID=0x01)[1] DATA(ID=0x01)[2] DATA(ID=0x01)[3] 0x03FF DATA(ID=0x04)[0] 0x03FE 0x03FD 0x03FC 0x03FB 0x03FA 0x03F9 0x03F8 … … … … … … … … … block header relative byte index within block |