データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVLED807PF データシート(PDF) 24 Page - STMicroelectronics

部品番号 HVLED807PF
部品情報  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PF データシート(HTML) 24 Page - STMicroelectronics

Back Button HVLED807PF Datasheet HTML 20Page - STMicroelectronics HVLED807PF Datasheet HTML 21Page - STMicroelectronics HVLED807PF Datasheet HTML 22Page - STMicroelectronics HVLED807PF Datasheet HTML 23Page - STMicroelectronics HVLED807PF Datasheet HTML 24Page - STMicroelectronics HVLED807PF Datasheet HTML 25Page - STMicroelectronics HVLED807PF Datasheet HTML 26Page - STMicroelectronics HVLED807PF Datasheet HTML 27Page - STMicroelectronics HVLED807PF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Device description
HVLED807PF
24/36
Doc ID 023464 Rev 5
Figure 19.
Feed-forward compensation: internal schematic
During MOSFET's ON-time the current sourced from DMG pin is mirrored inside the "Feed-
forward Logic" block in order to provide a feed-forward current, IFF.
Such "feed-forward current" is proportional to the input voltage according to the formula:
Equation 9
Where m is the primary-to-auxiliary turns ratio.
According to the schematic, the voltage on the non-inverting comparator will be:
Equation 10
The offset introduced by feed-forward compensation will be:
Equation 11
As RFF>>RSENSE, the previous one can be simplified as:
Equation 12
This offset is proportional to VIN and it is used to compensate the current overshoot,
according to the following formula:
AM13569v1
CS
.
IFF
Feedforward
Logic
CC
Rff
Rsense
PWM
LOGIC
DMG
CC
Block
Aux
Rfb
Rdmg
SOURCE
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36