| データシートサーチシステム |
|
CS43L42 データシート(PDF) 17 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L42 データシート(HTML) 17 Page - Cirrus Logic |
|
17 / 40 page ![]() CS43L42 DS481PP2 17 4.1.3 POPGUARD® TRANSIENT CONTROL (POR) Default - 1 0 - Disabled 1 - Enabled Function: The PopGuard® Transient Control allows the quiescent voltage to slowly ramp to and from 0 volts to the quiescent voltage during power-on or power-off when this function is enabled. Please see section 6.5 for implementation details. 4.1.4 POWER DOWN HEADPHONE AMPLIFIER (PDNHP) Default = 0 0 - Disabled 1 - Enabled Function: The headphone amplifier will independently enter a low-power state when this function is enabled. 4.1.5 POWER DOWN LINE AMPLIFIER (PDNLN) Default = 0 0 - Disabled 1 - Enabled Function: The line output amplifier will independently enter a low-power state when this function is enabled. 4.1.6 POWER DOWN (PDN) Default = 1 0 - Disabled 1 - Enabled Function: The entire device will enter a low-power state when this function is enabled, and the contents of the control registers are retained in this mode. The power-down bit defaults to ‘enabled’ on power-up and must be disabled before normal operation will begin. |