| データシートサーチシステム |
|
CS43L42 データシート(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L42 データシート(HTML) 37 Page - Cirrus Logic |
|
37 / 40 page ![]() CS43L42 DS481PP2 37 Figure 28. CS43L42 Stand Alone Mode - Serial Audio Format 2 LRCK SCLK L e ft C h a n ne l SDATA 65 4321 0 7 23 22 21 20 19 18 65 432 1 0 7 23 22 21 20 19 18 32 c lo cks 0 R igh t C h a n ne l Internal SCLK Mode External SCLK Mode Right Justified, 24-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 Right Justified, 24-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 48 Cycles per LRCK Period Figure 29. CS43L42 Stand Alone Mode - Serial Audio Format 3 LRCK SCLK L e ft C h a n ne l Rig h t C h a n n e l SDATA 65 4321 0 987 15 14 13 12 11 10 65 432 1 0 98 7 15 14 13 12 11 10 32 c lo cks Internal SCLK Mode External SCLK Mode Right Justified, 16-Bit Data INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 Right Justified, 16-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 32 Cycles per LRCK Period |