| データシートサーチシステム |
|
CS4812 データシート(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4812 データシート(HTML) 32 Page - Cirrus Logic |
|
32 / 36 page ![]() CS4812 32 DS291PP3 NC - No Connect Input: These pins are not internally connected and should be tied to ground for optimal performance. RES-NC - Reserved, No Connect These pins are reserved and must be left unconnected for normal operation. RES-VD - Reserved, Connect to VD These pins are reserved and must be tied to VD for normal operation. RES-DGND - Reserved, Connect to DGND These pins are reserved and must be tied to digital ground for normal operation. RES-AGND - Reserved, Connect to AGND These pins are reserved and must be tied to analog ground for normal operation. |