データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BW7383 データシート(PDF) 1 Page - Bruckewell Technology LTD

部品番号 BW7383
部品情報  6 Pin Non-isolation Buck current control IC with High PFC for LED Lighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BW7383 データシート(HTML) 1 Page - Bruckewell Technology LTD

  BW7383 Datasheet HTML 1Page - Bruckewell Technology LTD BW7383 Datasheet HTML 2Page - Bruckewell Technology LTD BW7383 Datasheet HTML 3Page - Bruckewell Technology LTD BW7383 Datasheet HTML 4Page - Bruckewell Technology LTD BW7383 Datasheet HTML 5Page - Bruckewell Technology LTD BW7383 Datasheet HTML 6Page - Bruckewell Technology LTD BW7383 Datasheet HTML 7Page - Bruckewell Technology LTD BW7383 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BW7383
6 Pin Non-isolation Buck current control IC with High PFC for LED Lighting
Rev 1.1 Jan. 2014
1
FEATURES
Universal Input Voltage Range from 90VAC to
264VAC
Transition-mode PFC operating
Built-in Active Power Factor Correction
Technique
Constant Output Current Control LED driver
Good Line and Load Regulation
Open-LED Protection on DMG and VCC pin
Over-Voltage Protection on VCC pin
Short-LED Protection
Cycle by Cycle Over current Protection on CS
pin
Over-Temperature Protection
Gate Driving Voltage Clamping
SOT26 Package Available
APPLICATIONS
LED lighting
Down light
Tube lamp
PAR lamp
Bulb
ORDER INFORMATION
DESCRIPTION
BW7383 is a non-isolation Buck type control IC
with active power factor correction function for LED
lighting application.
The IC achieves high power factor and high
efficiency by BCM mode. The line and load
regulation of LED current is about ±2.5% because
of particular control method.
BW7383 also provides gate driving voltage
clamping, VCC over voltage protection and system
output open/short circuit protection to increase IC
performance.
PIN CONFIGURATIONS (TOP VIEW)
BW 7383- KF R
Circuit Type
BW
Shipping:
R: Tape & Reel
KF: SOT-26
COM
GND
CS
DMG
OUT
VCC
1
2
3
4
6
5
SOT-26


同様の部品番号 - BW7383

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
BW7381 BWTECH-BW7381 Datasheet
537Kb / 11P
Universal High Brightness LED Driver
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
Non-isolation Buck current control IC with High PFC for LED Lighting
BW7385A BWTECH-BW7385A Datasheet
755Kb / 9P
TM (Transition Mode) Fixed On -Time PFC Control
BW7386 BWTECH-BW7386 Datasheet
273Kb / 8P
Accuracy Constant Current LED Driver
More results

同様の説明 - BW7383

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Texas Instruments
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
Non-Isolated, Buck PFC LED Driver with Digital Reference Control
logo
Bruckewell Technology L...
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Taiwan Semiconductor Co...
TS19320CS TSC-TS19320CS Datasheet
295Kb / 2P
Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Silan Microelectronics ...
SD670XSC SILAN-SD670XSC Datasheet
267Kb / 8P
NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY
Rev.:1.2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com