| データシートサーチシステム |
|
ZICM357SP2-1-R データシート(PDF) 5 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
ZICM357SP2-1-R データシート(HTML) 5 Page - California Eastern Labs |
|
5 / 18 page ![]() EM357 Mini Modules Page 5 This document is subject to change without notice Document No: 0011-00-07-00-000 (Issue H) SOFTWARE/FIRMWARE CEL’s MeshConnect EM357 Mini Modules are ideal platforms for EmberZNet PRO™, the industry’s most deployed and field proven ZigBee compliant stack supporting the ZigBee PRO feature Set. EmberNet PRO is a complete ZigBee protocol software package containing all the elements required for mesh networking applications. For more information regarding the software development for this IC, visit www.silabs.com. CEL provides reference software that runs multiple functions and executes various commands. The firmware allows the execution of IEEE 802.15.4 communication, validation and manufacturing tests. For example, users can setup a simple ZigBee Point-to-Point network to perform Range and Packet Error Rate (PER) tests. The software can also place the module in various operating modes, which allows for setting and/or testing various parameters. The ZICM357SP0 uses the transceiver's Primary RF ports for transmitting and should use Power Mode 1. The ZICM357SP2 uses the transceiver's Alternate RF ports for transmitting and should use Power Mode 2. |