| データシートサーチシステム |
|
ZICM357SP2-1-R データシート(PDF) 12 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
ZICM357SP2-1-R データシート(HTML) 12 Page - California Eastern Labs |
|
12 / 18 page ![]() EM357 Mini Modules Page 12 This document is subject to change without notice Document No: 0011-00-07-00-000 (Issue H) Rework The MeshConnect Module can be unsoldered from the host board. Use of a hot air rework tool should be programmable and the solder joint and module should not exceed the maximum peak reflow temperature of 250ºC. Caution If temperature ramps exceed the reflow temperature profile, module and component damage may occur due to thermal shock. Avoid overheating. Warning Never attempt a rework on the module itself (i.e., replacing individual components); such actions will terminate warranty coverage. Additional Grounding Attempts to improve the module or the system grounding by soldering braids, wires or cables onto the module RF shield cover is done at the customer's own risk. The ground pins at the module perimeter should be sufficient for optimum immunity to external RF interference. |