データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM73469A データシート(PDF) 4 Page - ELAN Microelectronics Corp

部品番号 EM73469A
部品情報  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73469A データシート(HTML) 4 Page - ELAN Microelectronics Corp

  EM73469A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
* This specification are subject to be changed without notice.
EM73469A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
1.9.2001
Preliminary
address
4096 x 8 bits
000h
Reset start address
002h
INT0; External interrupt service routine entry address
004h
HTCI; High speed timer interrupt service entry address
006h
TRGA; Timer/counterA interrupt service routine entry address
008h
TRGB; Timer/counter B interrupt service routine entry address
00Ah
TBI; Time base interrupt service routine entry address
00Ch
INT1; External interrupt service routine entry address
00Eh
086h
FFFh
User's program and fixed data are stored in the program ROM. User's program is according the PC value
to send next executed instruction code. Fixed data can be read out by two ways.
(1) Table-look-up instruction :
Table -look-up instruction is depended on the Data Pointer (DP) to indicate to ROM address, then to get the
ROM code data.
LDAX
Acc
← ROM[DP]
L
LDAXI
Acc
← ROM[DP]
H,DP+1
DP is a 12-bit data register which can store the program ROM address to be the pointer for the ROM code
.
.
.
.
.
.
SCALL, subroutine call entry address
data. First, user load ROM address into DP by instruction "STADPL, STADPM, STADPH", then user can
get the lower nibble of ROM code data by instruction "LDAX" and higher nibble by instruction "LDAXI".
PROGRAM EXAMPLE: Read out the ROM code of address 777h by table-look-up instruction.
LDIA #07h;
STADPL
; DP3-0
← 07h
STADPM
; DP5-4
← 07h
STADPH
; DP8-6
← 07h, Load DP=777h
:
LDL #00h;
LDH #03h;
LDAX
; ACC
← 6h
STAMI
; RAM[30]
← 6h
LDAXI
; ACC
← 5h
STAM
; RAM[31]
← 5h
;
ORG777h
DATA 56h;
:
DATA RAM ( 244-nibble )
There is total 244 - nibble data RAM from address 00 to F3h
Data RAM includes 3 parts: zero page region, stacks and data area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com