データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM73469A データシート(PDF) 1 Page - ELAN Microelectronics Corp

部品番号 EM73469A
部品情報  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73469A データシート(HTML) 1 Page - ELAN Microelectronics Corp

  EM73469A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73469A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
* This specification are subject to be changed without notice.
EM73469A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
1.9.2001
Preliminary
GENERAL DESCRIPTION
EM73469A is an advanced single chip CMOS 4-bit micro-controller. It contains 4K-byte ROM, 244-nibble RAM,
4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function.
EM73469A also contains 6 interrupt sources, 1 input port, 2 bidirection ports, LCD display (32x4), and one high
speed timer/counter with melody output.
EM73469A has plentiful operating modes (SLOW, IDLE, STOP) intended to reduce the power consumption.
FEATURES
• Operation voltage
: 1.2V to 1.8V.
• Clock source
: Dual clock system. Low-frequency oscillator is Crystal or RC oscillator (32K Hz,
connect an external resistor) by mask option and high-frequency oscillator is RC
oscillator (connect an external resistor).
• Instruction set
: 109 powerful instructions.
• Instruction cycle time : Up to 2us for 4 MHz (high speed clock).
122 µs or 244µs by frequency double mask option for 32768 Hz (low speed clock).
• ROM capacity
: 4096 X 8 bits.
• RAM capacity
: 244 X 4 bits.
• Input port
: 1 port (P0). P0(0..3) and IDLE releasing function are available by mask option.
• Bidirection port
: 2 ports (P4, P8). P4.0 and SOUND is available by mask option. P4.1 is shared with
HTC external input. P8(0..3) and IDLE releasing function are available by mask
option.
• 12-bit timer/counter
: Two 12-bit timer/counters are programmable for timer, event counter and pulse width
measurement.
• High speed timer/counter : One 8-bit high speed timer/counters is programmable for auto load timer, melody
output and pulse width measurement.
• Built-in time base counter : 22 stages.
• Subroutine nesting
: Up to 13 levels.
• Interrupt
: External . . . . . 2 input interrupt sources.
Internal . . . . . . 2 Timer overflow interrupts, 1 time base interrupt.
1 high speed timer overflow interrupt.
• LCD driver
: 32 X 4 dots, 1/4, 1/3, 1/2 static six kinds of duty selectable, 1/2 bias, 1/3 bias.
• Power saving function : SLOW, IDLE, STOP operation mode.
• Package type
: Chip form
61 pins.
APPLICATIONS
EM73469A is suitable for application in family applicance, consumer products, hand held games and the toy
controller.


同様の部品番号 - EM73469A

メーカー部品番号データシート部品情報
logo
ELAN Microelectronics C...
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461B EMC-EM73461B Datasheet
231Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

同様の説明 - EM73469A

メーカー部品番号データシート部品情報
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com