データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM73866 データシート(PDF) 10 Page - ELAN Microelectronics Corp

部品番号 EM73866
部品情報  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73866 データシート(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM73866 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
* This specification are subject to be changed without notice.
EM73866
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.29.1999
There are 3 kinds of flag, CF ( Carry flag ), ZF ( Zero flag ), SF ( Status flag ), these 3 1-bit flags are affected
by the arithematic, logic and comparative .... operation.
All flags will be put into stack when an interrupt subrountine is served, and the flags will be restored after
RTI instruction executed.
(1) Carry Flag ( CF )
The carry flag is affected by following operation :
a. Addition : CF as a carry out indicator, when the addition operation has a carry-out, CF will be "1", in
another word, if the operation has no carry-out, CF will be "0".
b. Subtraction : CF as a borrow-in indicator, when the subtraction operation must has a borrow-in, the CF
will be "0", in another word, if no borrow-in, CF will be "1".
c. Comparision : CF is as a borrow-in indicator for Comparision operation as the same as subtraction
operation.
d. Rotation : CF shifts into the empty bit of accumulator for the rotation and holds the shift out data after
rotation.
e. CF test instruction : For TFCFC instruction, the content of CF sends into SF then clear itself "0".
For TTSFC instruction, the content of CF sends into SF then set itself "1".
(2) Zero Flag ( ZF )
ZF is affected by the result of ALU, if the ALU operation generate a "0" result, the ZF will be "1", otherwise,
the ZF will be "0".
(3) Status Flag ( SF )
The SF is affected by instruction operation and system status.
a. SF is initiated to "1" for reset condition.
b. Branch instruction is decided by SF, when SF=1, branch condition will be satisified, otherwise, branch
condition will not be satisified by SF = 0.
PROGRAM EXAMPLE:
Check following arithematic operation for CF, ZF, SF
Accumulator is a 4-bit data register for temporary data. For the arithematic, logic and comparative opertion
.., ACC plays a role which holds the source data and result.
FLAGS
(5) Other operations:
For 1-byte instruction execution: PC + 1
For 2-byte instruction execution: PC + 2
For 3-byte instruction execution: PC + 3
ACCUMULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com