データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM73866 データシート(PDF) 12 Page - ELAN Microelectronics Corp

部品番号 EM73866
部品情報  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73866 データシート(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73866 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
* This specification are subject to be changed without notice.
EM73866
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.29.1999
ACC
CF
MSB
LSB
3
2
1
0
H REGISTER
3
2
1
0
L REGISTER
ACC
CF
MSB
LSB
EXAMPLE:
Operation
Carry Zero
8-4=4
1
0
7-F= -8(1000)
0
0
9-9=0
1
1
(3) Rotation:
There are two kinds of rotation operation, one is rotation left, the other is rotation right.
RLCA instruction rotates Acc value to left, shift the CF value into the LSB bit of Acc and the shift out data
will be hold in CF.
RRCA instruction operation rotates Acc value to right, shift the CF value into the MSB bit of Acc and the
shift out data will be hold in CF.
PROGRAM EXAMPLE: To rotate Acc right and shift a "1" into the MSB bit of Acc.
TTCFS; CF ← 1
RRCA; rotate Acc right and shift CF=1 into MSB.
HL REGISTER
HL register are two 4-bit registers, they are used as a pair of pointer for the address of RAM memory and also
2 independent temporary 4-bit data registers. For some instruction, L register can be a pointer to indicate the
pin number (Port4).
HL REGISTER STRUCTURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com