| データシートサーチシステム |
|
EM73880 データシート(PDF) 32 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73880 データシート(HTML) 32 Page - ELAN Microelectronics Corp |
|
32 / 40 page ![]() 32 * This specification are subject to be changed without notice. EM73880 EM73880 EM73880 EM73880 EM73880 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 11.30.2001 Preliminary Preliminary Preliminary Preliminary Preliminary TYPE I/O-R TYPE I/O-R TYPE I/O-R TYPE I/O-R TYPE I/O-R TYPE I/O-S TYPE I/O-S TYPE I/O-S TYPE I/O-S TYPE I/O-S Path A : For set and clear bit of port instructions, data goes through path A from output data latch to CPU. Path B : For input and test instructions, data from output pin go through path B to CPU and the output data latch will be set to high. Input data Output data path B path A TYPE I/O-Q Output data latch Special function output : mask option TYPE I/O-N Output data latch Input data Output data path B path A SEL Special function control input WAKEUP function mask option |