| データシートサーチシステム |
|
EM73880 データシート(PDF) 8 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73880 データシート(HTML) 8 Page - ELAN Microelectronics Corp |
|
8 / 40 page ![]() 8 * This specification are subject to be changed without notice. EM73880 EM73880 EM73880 EM73880 EM73880 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 11.30.2001 Preliminary Preliminary Preliminary Preliminary Preliminary (3) Interrupt acceptance operation: (3) Interrupt acceptance operation: (3) Interrupt acceptance operation: (3) Interrupt acceptance operation: (3) Interrupt acceptance operation: When an interrupt is accepted, the original PC is pushed into stack and interrupt vector will be loaded into PC,The interrupt vectors are as following: INT0 INT0 INT0 INT0 INT0 (External interrupt from P8.2) PC 000000000010 HTC HTC HTC HTC HTC (High speed counter) PC 000000000100 TRGA TRGA TRGA TRGA TRGA (Timer A overflow interrupt) PC 000000000110 TRGB TRGB TRGB TRGB TRGB (Time B overflow interrupt) PC 000000001000 TBI TBI TBI TBI TBI (Time base interrupt) PC 000000001010 SPI SPI SPI SPI SPI (Speech Interrupt) PC 000000001100 (4) Reset operation: (4) Reset operation: (4) Reset operation: (4) Reset operation: (4) Reset operation: PC 000000000000 (5) Other operations: (5) Other operations: (5) Other operations: (5) Other operations: (5) Other operations: For 1-byte instruction execution: PC + 1 For 2-byte instruction execution: PC + 2 For 3-byte instruction execution: PC + 3 ACCUMULATOR ACCUMULATOR ACCUMULATOR ACCUMULATOR ACCUMULATOR Accumulator is a 4-bit data register for temporary data . For the arithematic, logic and comparative opertion .., ACC plays a role which holds the source data and result . |