データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSZ47 データシート(PDF) 2 Page - Continental Device India Limited

部品番号 MMSZ47
部品情報  ZENER VOLTAGE REGULATOR DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MMSZ47 データシート(HTML) 2 Page - Continental Device India Limited

  MMSZ47 Datasheet HTML 1Page - Continental Device India Limited MMSZ47 Datasheet HTML 2Page - Continental Device India Limited MMSZ47 Datasheet HTML 3Page - Continental Device India Limited MMSZ47 Datasheet HTML 4Page - Continental Device India Limited MMSZ47 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILIICON PLANAR VOLTAGE REGULATOR DIODES
MMSZ4V7 - 56V
SOD-123
PLASTIC PACKAGE
Forward Voltage at IF=10mA <0.9V and <1.5V at 200mA
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZT1
(Note5)
VZ2 (V) Notes
3 and 4
at
IZT2=1mA
ZZT2 (Note 5)
(
Ω)
IR at
VR
at IZT2=1mA
µµA
(V)
min
nom
max
min
max
max
Max
MMSZ11
10.45
11
11.55
10.2
11.6
150
0.1
8.0
MMSZ12
11.40
12
12.60
25
11.2
12.7
150
0.1
8.0
MMSZ13
12.35
13
13.65
30
12.3
14.0
170
0.1
8.0
MMSZ15
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
MMSZ16
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
MMSZ18
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
MMSZ20
19.00
20
21.00
55
18.7
21.1
225
0.05
14
MMSZ22
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
MMSZ24
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZT1
(Note
5)
VZ2 (V) Notes
3 and 4
at
IZT2=0.1mA
ZZT2 (Note 5)
(
Ω)
IR at
VR
at IZT2=0.5mA
µµA
(V)
min
nom
max
min
max
max
Max
MMSZ27
25.65
27
28.35
25.0
28.9
300
0.05
18.9
MMSZ30
28.50
30
31.50
80
27.8
32.0
300
0.05
21.0
MMSZ33
31.35
33
34.65
80
30.8
35.0
325
0.05
23.1
MMSZ36
34.20
36
37.80
90
33.8
38.0
350
0.05
25.2
MMSZ39
37.05
39
40.95
130
36.7
41.0
350
0.05
27.3
MMSZ43
40.85
43
45.15
150
39.7
46.0
375
0.05
30.1
MMSZ47
44.65
47
49.35
170
43.7
50.0
375
0.05
32.9
MMSZ51
48.45
51
53.55
180
47.6
54.0
400
0.05
35.7
MMSZ56
53.20
56
58.80
200
51.5
60.0
425
0.05
39.2
Note3. Tolerance of +/- 5% on the nominal Zener Voltage
Note4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current App;ied for PW=1ms
Note5. ZZT and ZZK are measured by dividing the AC Voltage drop across the device by the AC Current Applied
The specified limits are for IZ (AC) =0.1 IZ (DC) with the AC frequency =1KHz
MMSZ4V7_56Rev_1 050506E
Y1
A2
A3
A4
A5
X1
X2
Z1
Z2
Z3
X3
X4
X5
Marking
Z4
Y2
Y3
Y4
Y5
max
Marking
max
Max Reverse
Current
Max Reverse
Current
at IZT1=2mA
(
Ω)
80
VZ1 (V) Notes 3 and 4
at IZT1=2mA
at IZT1=5mA
VZ1 (V) Notes 3 and 4
at
IZT1=5mA
20
(
Ω)
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com