データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSZ47 データシート(PDF) 1 Page - Continental Device India Limited

部品番号 MMSZ47
部品情報  ZENER VOLTAGE REGULATOR DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MMSZ47 データシート(HTML) 1 Page - Continental Device India Limited

  MMSZ47 Datasheet HTML 1Page - Continental Device India Limited MMSZ47 Datasheet HTML 2Page - Continental Device India Limited MMSZ47 Datasheet HTML 3Page - Continental Device India Limited MMSZ47 Datasheet HTML 4Page - Continental Device India Limited MMSZ47 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZENER VOLTAGE REGULATOR DIODES
MMSZ4V7 - 56V
SOD-123
PLASTIC PACKAGE
For High Density Applications
Polarity: - Cathode indicated by polarity band
ABSOLUTE MAXIMUM RATINGS
Power Dissipation on FR-5 Board at TL=75ºC (Note 1)
Derated Above 75ºC
Thermal Resistance, Junction to Ambient (Note 2)
Thermal Resistance, Junction to Lead (Note 2)
Operating and Storage Junction Temperature Range
Note1. FR-5=3.5 x 1.5 inches
Note2. Thermal Resistance measured obtained via infrared Scan Method
Forward Voltage at IF=10mA <0.9V and <1.5V at 200mA
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
ZZT1
(Note5)
VZ2 (V) Notes
3 and 4
at
IZT2=1mA
ZZT2 (Note 5)
(
Ω
Ω)
IR at
VR
at IZT2=
µµA
(V)
1mA
min
nom
max
min
max
max
Max
MMSZ4V7
4.47
4.7
4.94
3.7
4.7
500
3.0
2.0
MMSZ5V1
4.85
5.1
5.36
60
4.2
5.3
480
2.0
2.0
MMSZ5V6
5.32
5.6
5.88
40
4.8
6.0
400
1.0
2.0
MMSZ6V2
5.89
6.2
6.51
10
5.6
6.6
150
3.0
4.0
MMSZ6V8
6.46
6,8
7.14
15
6.3
7.2
80
2.0
4.0
MMSZ7V5
7.13
7.5
7.88
15
6.9
7.9
80
1.0
5.0
MMSZ8V2
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5.0
MMSZ9V1
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6.0
MMSZ10
9.50
10
10.50
20
9.3
10.6
150
0.2
7.0
Note3. Tolerance of +/- 5% on the nominal Zener Voltage
Note4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current App;ied for PW=1ms
Note5. ZZT and ZZK are measured by dividing the AC Voltage drop across the device by the AC Current Applied
The specified limits are for IZ (AC) =0.1 IZ (DC) with the AC frequency =1KHz
MMSZ4V7_56Rev_1 050506E
Marking
U3
°C
VALUE
500
6.7
340
150
- 55 to +150
UNIT
mW
mW/ºC
ºC/W
U4
V3
V5
U5
V1
V2
V4
A1
DESCRIPTION
80
VZ1 (V) Notes 3 and 4
at
IZT1=5mA
at IZT1=
5mA
max
(
Ω
Ω)
ºC/W
SYMBOL
PD
Rth (j-a)
Rth (j-L)
Tj, Tstg
Max Reverse
Current
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


同様の部品番号 - MMSZ47

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
MMSZ47 EIC-MMSZ47 Datasheet
114Kb / 3P
ZENER DIODES
logo
General Semiconductor
MMSZ4700 GE-MMSZ4700 Datasheet
40Kb / 2P
ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4700 EIC-MMSZ4700 Datasheet
118Kb / 4P
ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4700 TAITRON-MMSZ4700 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Rectron Semiconductor
MMSZ4700 RECTRON-MMSZ4700 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
More results

同様の説明 - MMSZ47

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
VOLTAGE REGULATOR ZENER DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
Zener Voltage Regulator Diodes
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com