データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT45DB321D-CU データシート(PDF) 23 Page - List of Unclassifed Manufacturers

部品番号 AT45DB321D-CU
部品情報  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU データシート(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
12.2
Operation Mode Summary
The commands described previously can be grouped into four different categories to make clearer which commands can be
executed at what times.
Group A commands consist of:
1.
Main memory page read
2.
Continuous array read
3.
Read sector protection register
4.
Read sector lockdown register
5.
Read security register
Group B commands consist of:
1.
Page erase
2.
Block erase
3.
Sector erase
4.
Chip erase
5.
Main memory page to buffer 1 (or 2) transfer
6.
Main memory page to buffer 1 (or 2) compare
7.
Buffer 1 (or 2) to main memory page program, with built-in erase
8.
Buffer 1 (or 2) to main memory page program, without built-in erase
9.
Main memory page program through buffer 1 (or 2)
10. Auto page rewrite
Group C commands consist of:
1.
Buffer 1 (or 2) read
2.
Buffer 1 (or 2) write
3.
Status register read
4.
Manufacturer and device ID read
Group D commands consist of:
1.
Erase sector protection register
2.
Program sector protection register
3.
Sector lockdown
4.
Program security register
If a group A command is in progress (not fully completed), then another command from group A, B, C, or D should not be
started. However, during the internally self-timed portion of group B commands, any command in group C can be executed. The
group B commands using buffer 1 should use group C commands using buffer 2, and vice versa. Finally, during the internally
self-timed portion of a group D command, only the status register read command should be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com