データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT45DB321D-CU データシート(PDF) 24 Page - List of Unclassifed Manufacturers

部品番号 AT45DB321D-CU
部品情報  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU データシート(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
24
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
13.
Command Tables
Table 13-1. Read Commands
Command
Opcode
Table 13-2. Program and Erase Commands
Command
Opcode
Table 13-3. Protection and Security Commands
Command
Opcode
Main memory page read
D2H
Continuous array read (legacy command)
E8H
Continuous array read (low frequency)
03H
Continuous array read (high frequency)
0BH
Buffer 1 read (low frequency)
D1H
Buffer 2 read (low frequency)
D3H
Buffer 1 read
D4H
Buffer 2 read
D6H
Buffer 1 write
84H
Buffer 2 write
87H
Buffer 1 to main memory page program, with built-in erase
83H
Buffer 2 to main memory page program, with built-in erase
86H
Buffer 1 to main memory page program, without built-in erase
88H
Buffer 2 to main memory page program, without built-in erase
89H
Page erase
81H
Block erase
50H
Sector erase
7CH
Chip erase
C7H, 94H, 80H, 9AH
Main memory page program through buffer 1
82H
Main memory page program through buffer 2
85H
Enable sector protection
3DH + 2AH + 7FH + A9H
Disable sector protection
3DH + 2AH + 7FH + 9AH
Erase sector protection register
3DH + 2AH + 7FH + CFH
Program sector protection register
3DH + 2AH + 7FH + FCH
Read sector protection register
32H
Sector lockdown
3DH + 2AH + 7FH + 30H
Read sector lockdown register
35H
Program security register
9BH + 00H + 00H + 00H
Read security register
77H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com