| データシートサーチシステム |
|
BCP53 データシート(PDF) 3 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
BCP53 データシート(HTML) 3 Page - Continental Device India Limited |
|
3 / 4 page ![]() Tape Reel Dia. Inside Reel Width Thickness Thickness A - Max W T - max 12 180 12.4 ± 2 18.4 12 330 12.4 ± 2 18.4 All Dimensions are in mm Packaging Information Package/ Packaging Type Std. Packing Case Type Qty Qty Size L x W x H Gross Weight Qty Size L x W x H Gross Weight (cm) (Kg) (cm) (Kg) T & R 1,000 T & R 4,000 T & R: Tape and Reel Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE). Reel Specifications Inner Carton Outer Carton SOT-223 SOT-223 Reel Dimensions and Components/Reel for SMD Package Package Continental Device India Limited Data Sheet Page 3 of 4 BCP51_53Rev011104E BCP51 BCP52 BCP53 SOT-223 |