| データシートサーチシステム |
|
M22-DR-R データシート(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-DR-R データシート(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 89 page ![]() 52 Pushbuttons and Indicating Lights CA04716001E—March 2009 www.eaton.com 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47.4 Pushbuttons and Indicating Lights M22 Modular Pushbuttons Catalog Number Selection Four-Way Pushbuttons Note: Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers. Bezel M22 = Silver M22S = Black M 2 2 –D 4 –S –X 7 – K 0 1 Operator Type D4 = Four-way pushbutton, momentary, non-interlocked DI4 = Four-way pushbutton, momentary, interlocked When ordering, specify inscription per catalog number suffix from the symbols library (see Pages 77–84) into the Order Notes. For example, M22-D4-S-ETCH; Order Notes: Mark with symbol X91, Line item #_. Inscription ETCH = Custom X7 = Contact Blocks K10 =1NO K01 =1NC K20 =2NO K02 =2NC K11 = 1NO-1NC K30 =3NO K03 =3NC K21 = 2NO-1NC K12 = 1NO-2NC Button Color S = Black |