| データシートサーチシステム |
|
M22-DR-R データシート(PDF) 77 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-DR-R データシート(HTML) 77 Page - List of Unclassifed Manufacturers |
|
77 / 89 page ![]() Pushbuttons and Indicating Lights CA04716001E—March 2009 www.eaton.com 77 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47.4 Pushbuttons and Indicating Lights M22 Modular Pushbuttons Symbols Library Instructions for Ordering Laser Inscriptions 1. Identify part number to be inscribed. 2. Pick symbol from library and identify suffix code associated with the symbol. 3. Order part number already listed in the catalog with -ETCH suffix. 4. When placing an order by fax or Vistaline on the Web, reference order item number and indicate appropriate suffix code. Example To order a green flush button plate with the inscription AUTO HAND: Order Catalog Number: M22-XD-G-ETCH (see Page 7). AUTO HAND inscription is found on Page 81 in the symbols library, suffix code is X91. In the order notes, reference item number and suffix X91. |