データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BMM150 データシート(PDF) 48 Page - List of Unclassifed Manufacturers

部品番号 BMM150
部品情報  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 データシート(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 44Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 51Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 48
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9.2 Landing pattern recommendation
For the design of the landing pattern, we recommend the following dimensioning:
To be discussed
E1
D2
D4
E5
C5
A5
B4
C1
A1
B2
0.4
0.4
0.2
0.283
0.283
0.762
0.798
1.56
0.035
A3
E3
Figure 24: Landing patterns relative to the device pins, dimensions are in mm
Note: Recommended thickness of solder paste is 100µm.
The land pattern depicted in Figure 24 may be used similarly for PCBs designed with NSMD as
well as SMD process.
For the NSMD process, landing dimensions as in Figure 24 should be defined in the metal layer
while the solder mask openings should be larger than the defined metal pads.
In case of SMD process, land dimensions should be defined by solder mask which openings are
smaller than underlying metal pads.
Land Pattern is presented as guideline; designer should always use their own experience.
Choice between SMD and NSMD is determined by customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56