データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BMM150 データシート(PDF) 52 Page - List of Unclassifed Manufacturers

部品番号 BMM150
部品情報  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 データシート(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 51Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 52Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 53Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 54Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 55Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 56Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 52
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9.5 Handling instructions
This device has built-in protections against high electrostatic discharges or electric fields (e.g.
2kV HBM); however, anti-static precautions should be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept
within the supply voltage range. Unused inputs must always be tied to a defined logic voltage
level.
We recommend careful handling of the WLCSP to avoid chipping from the bare silicon.
Note: It is strongly recommended to mount the WLCSP device without any underfill. The
specified electrical parameters might be influenced when using underfill material.
Please read our HSMI document for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56