データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMS002S102 データシート(PDF) 29 Page - List of Unclassifed Manufacturers

部品番号 FMS002S102
部品情報  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FMS002S102 データシート(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button FMS002S102 Datasheet HTML 25Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 26Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 27Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 28Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 29Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 30Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 31Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 32Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
54
ML 12/2008
A1
11
1
15
6
5
20
10
0.1
16
0.1
0.039
1
3 0.118
A1
A2
A3
A4
A5
A6
A7
A8
0.1
0.1
1 0.039
3 0.118
1
4
5
7
A1
A2
A3
A4
A5
A6
0.1
0.1
0.118
3
1 0.039
1
7
12
6
A1
A2
A3
A4
A5
0.1
0.1
1 0.039
3 0.118
PCB Hole Pattern for Connectors with Right Angled PCB Terminations
Leiterplattenlochbild für Steckverbinder mit abgewinkeltem Leiterplattenanschluss
All PCB hole patterns apply to male connectors with right angle PCB contacts (signal contacts P5) and the metal bracket F1080-13B as well as the
coaxial contacts FME008P... or FME001P... (When using female connectors the hole pattern must be mirrored on the Y-axis).
Measurements without tolerances are in accordance with DIN ISO 2768 m.
Alle Lochbilder gelten für Stiftsteckverbinder mit abgewinkeltem Leiterplattenanschluss (Signalkontakte P5) und Metallwinkel F1080–13B sowie
eingebauten Koaxialkontakten FME008P... bzw. FME001P... (bei Verwendung von Buchsensteckverbindern muss das Lochbild an der Y-Achse
gespiegelt werden).
Maße ohne Toleranzangabe nach DIN ISO 2768 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39