| データシートサーチシステム |
|
MB84VB2000 データシート(PDF) 18 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB84VB2000 データシート(HTML) 18 Page - fujitsu semiconductor |
|
18 / 28 page ![]() 18 MB84VB2000-10/MB84VB2001-10 CE OE WE tCP tWHWH1 tWC tAH Addresses Data tAS tCPH tDH DQ7 A0H DOUT 555H PA PA Data Polling 3rd Bus Cycle tWS tWH tGHEL PD tDS Notes: 1.PA is address of the memory location to be programmed. 2.PD is data to be programmed at byte address. 3.DQ7 is the output of the complement of the data written to the device. 4.DOUT is the output of the data written to the device. 5.Figure indicates last two bus cycles out of four bus cycle sequence. 6.These waveforms are for the ×16 mode. (The addresses differ from ×8 mode.) Figure 4 Alternate CE Controlled Program Operation Timings Data Polling DQ7 CE OE WE |