| データシートサーチシステム |
|
MB89174LPF データシート(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89174LPF データシート(HTML) 17 Page - fujitsu semiconductor |
|
17 / 50 page ![]() 17 MB89170/170A/170L Series s PROGRAMMING TO THE EPROM WITH PIGGYBACK/EVALUATION DEVICE 1. EPROM for Use MBM27C256A-20TVM 2. Programming Socket Adapter To program to the EPROM using an EPROM programmer, use the socket adapter (manufacturer: Sun Hayato Co., Ltd.) listed below. Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403 FAX (81)-3-5396-9106 3. Memory Space Memory space in each mode, such as 32-Kbyte EPROM, is diagrammed below. 4. Programming to the EPROM (1) Set the EPROM programmer for the MBM27C256A. (2) Load program data into the EPROM programmer at 0000H to 7FFFH. (3) Program with the EPROM programmer. Package Socket adapter part number LCC-32(Square) ROM-32LC-28DP-S PROM 32 KB FFFF H 8000 H 0480 H 0080 H 0000 H Not available RAM I/O EPROM 32 KB 7FFF H 0000 H Single chip Corresponding address on the EPROM programmer Address |