| データシートサーチシステム |
|
MB89174LPF データシート(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89174LPF データシート(HTML) 21 Page - fujitsu semiconductor |
|
21 / 50 page ![]() 21 MB89170/170A/170L Series 2. Registers The F2MC-8L family has two types of registers; dedicated hardware registers in the CPU and general-purpose memory registers. The following dedicated registers are provided: Program counter (PC): A 16-bit register for indicating the instruction storage positions Accumulator (A): A 16-bit temporary register for arithmetic operations, etc. When the instruction is an 8-bit data processing instruction, the lower byte is used. Temporary accumulator (T): A 16-bit register which is used for arithmetic operations with the accumulator When the instruction is an 8-bit data processing instruction, the lower byte is used. Index register (IX): A 16-bit register for index modification Extra pointer (EP) : A 16-bit pointer for indicating a memory address Stack pointer (SP) : A 16-bit pointer for indicating a stack area Progam status (PS) : A 16-bit register for storing a register pointer, a condition code The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and the lower 8 bits for use as a condition code register (CCR). (See the diagram below.) PC A T IX EP SP PS 16 bits : Program counter : Accumulator : Temporary accumulator : Index register : Extra pointer : Stack pointer : Program status FFFDH Indeterminate Indeterminate Indeterminate Indeterminate Indeterminate I-flag = 0, IL1, 0 = 11 The other bit values are indeterminate. Initial value Structure of the Program Status Register Vacancy H I IL1, 0 N Z VC 54 RP PS 10 9876 3210 15 14 13 12 11 RP CCR Vacancy Vacancy |