データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL25723FN データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 TSL25723FN
部品情報  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25723FN データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSL25723FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
6
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 2
SPECTRAL RESPONSIVITY
λ − Wavelength − nm
0
400
0.2
0.4
0.6
0.8
1
500
600
700
800
900
1000 1100
300
Ch 0
Ch 1
Figure 3
NORMALIZED RESPONSIVITY
vs.
ANGULAR DISPLACEMENT
Q − Angular Displacement − °
0
0.2
0.4
0.6
0.8
1.0
−90
−60
−30
0
30
60
90
-Q
+Q
Both Axes
0
5C
Figure 4
NORMALIZED IDD
vs.
VDD and TEMPERATURE
VDD — V
94%
96%
98%
100%
102%
104%
106%
108%
110%
92%
2.7
2.8
2.9
3
3.1
3.2
3.3
75
5C
50
5C
25
5C
Ch 1
Ch 0
Figure 5
RESPONSE to WHITE LED
vs.
TEMPERATURE
90%
95%
100%
105%
115%
010
20
30
40
50
60
70
110%
Temperature −
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com