データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL25723FN データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 TSL25723FN
部品情報  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25723FN データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL25723FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain and
Integration Time
− 45,000,000:1 Dynamic Range
− Operation to 60,000 lux in Sunlight
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
− Package UV Rejection Filter
D Maskable Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Wait Timer and Power Management
− Low Power 2.2
mA Sleep State with User-
Selectable Sleep-After-Interrupt Mode
− 90
mA Wait State with Programmable Wait
Time from 2.7 ms to > 8 seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8-V Bus
D Register Set- and Pin-Compatible with the
TSL2x71 Series
D Small 2 mm y 2 mm Dual Flat No-Lead (FN)
Package
Applications
D Display Backlight Control
D Keyboard Illumination Control
D Solid State Lighting Control for Daylight
Harvesting
D Printer Paper Detection
End Products and Market Segments
D Mobile Handsets, Tablets, Laptops,
Monitors and TVs, Portable Media Players
D Medical and Industrial Instrumentation
D White Goods
D Toys
D Industrial/Commercial Lighting
D Digital Signage
D Printers
Description
The TSL2572 device family provides ambient light sensing (ALS) that approximates human eye response to
light intensity under a variety of lighting conditions and through a variety of attenuation materials. Accurate ALS
measurements are the result of TAOS’ patented dual-diode technology and the UV rejection filter incorporated
in the package. In addition, the operating range is extended to 60,000 lux in sunlight when the low-gain mode
is used.
While useful for general purpose light sensing, the TSL2572 device is particularly useful for display
management to provide optimum viewing in diverse lighting conditions while extending battery life. The
TSL2572 device family is ideally suited for use in mobile handsets, TVs, tablets, monitors, and portable media
players where the display backlight may account for 50% to 70% of the system power consumption.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 NC
Not Actual Size


同様の部品番号 - TSL25723FN

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
TSL25723FN OSRAM-TSL25723FN Datasheet
865Kb / 41P
Light-to-Digital Converter
v2-00 2022-Nov-30
More results

同様の説明 - TSL25723FN

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
LIGHT-TO-DIGITAL CONVERTER
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
LIGHT-TO-DIGITAL CONVERTER
TSL2571 AMSCO-TSL2571 Datasheet
706Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
Light-to-Digital Converter
2016-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com