| データシートサーチシステム |
|
MB16R-2295SW データシート(PDF) 10 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MB16R-2295SW データシート(HTML) 10 Page - Amphenol Corporation |
|
10 / 16 page ![]() 9 Miniature Cylindrical MIL-C-26482, Series 2 insert arrangements, insert alternate positioning Arrangements designated with an S are tooled in socket only. INSERT ARRANGEMENTS Insert Arrangement Service Rating Total Contacts Contact Size 12 16 20 8-33 I 3 3 8-98 I 3 3 10-6 I 6 6 12-3 II 3 3 12-8 I 8 8 12-10 I 10 10 14-4 I 4 4 14-5 II 5 5 14-9S I 9 4 5 14-12 I 12 4 8 14-15 I 15 1 14 14-18 I 18 18 14-19 I 19 19 16-8 II 8 8 16-23S I 23 1 22 16-26 I 26 26 18-8 I 8 8 18-11S II 11 11 18-30S I 30 1 29 18-32 I 32 32 20-16 II 16 16 20-24S I 24 24 20-39 I 39 2 37 20-41 I 41 41 22-12S I 12 12 22-19S I 19 19 22-21 II 21 21 22-32S I 32 32 22-41 I 41 14 27 22-55 I 55 55 22-95S I 32 6 26 24-19S II 19 19 24-31 I 31 31 24-61 I 61 61 Insert Arrangement Degrees WX Y Z 8-33 90 – – – 8-98 –––– 10-6 90 – – – 12-3 – – 180 – 12-8 90 112 203 292 12-10 60 155 270 295 14-4 45 – – – 14-5 40 92 184 273 14-9 15 90 180 270 14-12 43 90 – – 14-15 17 110 155 234 14-18 15 90 180 270 14-19 30 165 315 – 16-8 54 152 180 331 16-23 158 270 – – 16-26 60 – 275 338 18-8 180 ––– 18-11 62 119 241 340 18-30 180 193 285 350 18-32 85 138 222 265 20-16 238 318 333 347 20-24 70 145 215 290 20-39 63 144 252 333 20-41 45 126 225 – 22-12 –––– 22-19 15 90 225 308 22-21 16 135 175 349 22-32 72 145 215 288 22-41 39 135 264 – 22-55 30 142 226 314 22-95 26 180 266 – 24-19 30 165 315 – 24-31 90 225 255 – 24-61 90 180 270 324 INSERT ALTERNATE POSITIONING To avoid cross-plugging problems in applications requiring the use of more than one connector of the same size and arrangement, alternate rotations are available as indicated in the chart below. As shown in the diagram, the front face of the pin insert is rotated within the shell in a clockwise direction from the normal shell key. The socket insert would be rotated counter-clockwise the same number of degrees in respect to the normal shell key. Position W Position X Position Y Position Z View looking into front face of pin insert or rear of socket insert. |