| データシートサーチシステム |
|
MB16R-2295SW データシート(PDF) 13 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MB16R-2295SW データシート(HTML) 13 Page - Amphenol Corporation |
|
13 / 16 page ![]() 12 A Z Y X W V U T S R P N M L K J H G F E D C B a j h g f e d c b A Z Y X W V U T S R P N M L K J H G F E D C B a t s r q p n m k j i h g f e d c b A Z Y X W V U T S R P N M L K J H G F E D C B a x w v u t s r q p n m y k j i h g f e d c b z HH GG FF EE DD CC BB AA A Z Y X W V U T S R P N M L K J H G F E D C B a j h g f e d c b A V U T S R P N M L K J HG F E D C B A X W V U T S R Q P Y N M L K J H GF E D C B Z a g f e d c b A Z Y X W V U T S R P N M L K J H G F E D C B a z y x w v u t s r p n m q k j i h g f e d c b AA PP NN MM LL KK JJ HH GG FF EE DD CC BB front face of pin insert or rear face of socket insert illustrated Miniature Cylindrical MIL-C-26482, Series 2 contact arrangements Insert Arrangement 22-32 22-41 22-55 Service Rating I I I Number of Contacts 32 27 14 55 Contact Size 20 20 16 20 Insert Arrangement 22-95 24-19 24-31 Service Rating I II I Number of Contacts 26 6 19 31 Contact Size 20 12 12 16 Insert Arrangement 24-61 Service Rating I Number of Contacts 61 Contact Size 20 CONTACT LEGEND 20 16 12 |