データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5600-ASOM データシート(PDF) 38 Page - ams AG

部品番号 AS5600-ASOM
部品情報  12-bit Programmable Contactless Potentiometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5600-ASOM データシート(HTML) 38 Page - ams AG

Back Button AS5600-ASOM Datasheet HTML 34Page - ams AG AS5600-ASOM Datasheet HTML 35Page - ams AG AS5600-ASOM Datasheet HTML 36Page - ams AG AS5600-ASOM Datasheet HTML 37Page - ams AG AS5600-ASOM Datasheet HTML 38Page - ams AG AS5600-ASOM Datasheet HTML 39Page - ams AG AS5600-ASOM Datasheet HTML 40Page - ams AG AS5600-ASOM Datasheet HTML 41Page - ams AG AS5600-ASOM Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2014-Aug-11
AS5600 − RoHS Compliant & ams Green Statement
RoHS: The term RoHS compliant means that ams AG products
fully comply with current RoHS directives. Our semiconductor
products do not contain any chemicals for all 6 substance
categories, including the requirement that lead not exceed
0.1% by weight in homogeneous materials. Where designed to
be soldered at high temperatures, RoHS compliant products are
suitable for use in specified lead-free processes.
ams Green (RoHS compliant and no Sb/Br): ams Green
defines that in addition to RoHS compliance, our products are
free of Bromine (Br) and Antimony (Sb) based flame retardants
(Br or Sb do not exceed 0.1% by weight in homogeneous
material).
Important Information: The information provided in this
statement represents ams AG knowledge and belief as of the
date that it is provided. ams AG bases its knowledge and belief
on information provided by third parties, and makes no
representation or warranty as to the accuracy of such
information. Efforts are underway to better integrate
information from third parties. ams AG has taken and continues
to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or
chemical analysis on incoming materials and chemicals. ams AG
and ams AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited
information may not be available for release.
RoHS Compliant & ams Green
Statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42