| データシートサーチシステム |
|
AS5600-ASOM データシート(PDF) 4 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5600-ASOM データシート(HTML) 4 Page - ams AG |
|
4 / 42 page ![]() Page 4 ams Datasheet Document Feedback [v1-00] 2014-Aug-11 AS5600 − Absolute Maximum R atings Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Figure 5: Absolute Maximum Ratings Symbol Parameter Min Max Units Comments Electrical Parameters VDD5V DC Supply Voltage at VDD5V pin -0.3 6.1 V VDD3V3 DC Supply Voltage at VDD3V3 pin -0.3 4.0 V VIO DC Supply Voltage at all digital or analog pins -0.3 VDD+0.3 V ISCR Input current (latch-up immunity) -100 100 mA Norm: JESD78 Continuous Power Dissipation (TA = +70°C) PT Continuous power dissipation 50 mW Electrostatic Discharge ESDHBM Electrostatic discharge HBM ±2 kV Norm: MIL 883 E method 3015.7 Temperature Ranges and Storage Conditions TSTRG Storage temperature range -55 +125 °C TBODY Package body temperature +260 °C Norm: ICP/JEDEC J-STD-020 The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” The lead finish for Pb-free leaded packages is “Matte Tin” (100% Sn) RHNC Relative humidity (non-condensing) 585 % MSL Moisture sensitive level 3 Norm: ICP/JEDEC J-STD-033 Absolute Maximum Ratings |